Part Number Hot Search : 
110UH XFGIB TF666 16373 ORT9303 BCM57 2SA1305 74HC158D
Product Description
Full Text Search
 

To Download CP4-114B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1-866-9-ohmite ? intl 1-847-258-0300 ? fax 1-847-574-7522 ? www.ohmite.com ? info@ohmite.com 2 cp series cold plate four-pass heatsink characteristics serie s specific ations the ohmite cp4 series liquid coldplates are designed for ohmite heatsinkable type resistors, such as tap600, tap800, ta1k0, ta2k0, and vari - ous sot-227 resistor packages. the cp series also provides maximum heat removal for scrs, rectifiers, diodes, thyristors, and other high-power semicon - ductor devices. the cp series is customizable to fit multiple applications. length and mounting hole pat - terns can be specified. tubing copper, 0.375 od, nominal wall thickness of 0.050 plate aluminum 6063-t5 weight 805 g mounting surface weight ohmite resistor thermal part number area (in 2 /mm 2 ) (oz/g) series resistance* (c/w) cp4-114a 19.13/12339 28.4/805 0.018 CP4-114B 19.13/12339 28.4/805 tap600/tap800 0.018 cp4-114c 19.13/12339 28.4/805 tap1k0/tap2k0 0.018 * @ flow of 1.5 gpm feature s ? designed for ohmite products, pre drilled hole pat- terns for standard ohmite planar resistors tap600/ tap800 and tap1k0/tap2k0. ? design flexibility, chill plate lengths can be config- ured as well as mounting hole patterns to accept a multitude of devices. ? thermally efficient copper mounting surface for the most efficient heat transfer.
1-866-9-ohmite ? intl 1-847-258-0300 ? fax 1-847-574-7522 ? www.ohmite.com ? info@ohmite.com 3 h eat dissip ati on a tap2k0 was used in testing. cp series cold plate four-pass heatsink dimensions ho w to order water flow rate (gpm) 0 0.5 0 1 2 1.5 2 1 2.5 4 6 5 3 0.025 0.015 0.005 0 0.02 0.01 0.03 0.035 overall thermal resistance, mtg. surface to inlet water (c/w) pressure drop (psi) 2.000".032 (50.8mm) 2.000".032 (50.8mm) 2.24" (56.9mm) #8-32 unc tapped thru-hole (2 places) cp4a-114a-108e cp4a-114b-108e cp4a-114c-108e c l 3.70" (95.0mm) 3.70" (94.0mm) 5.450".032 (138.4mm) #8-32 unc tapped thru-hole (4 places) c l 6.0" ref. (152.4mm) 0.750" ref. (19.1mm) 4.500" ref. (114.3mm) 3.0" ref. (76.2mm) 2.000".032 (50.8mm) 5.450".032 (138.4mm) 4x ? .265" (6.73mm) 4x ? .265" (6.73mm) 4x ? .265" (6.73mm) 1.0" ref. (25.4mm) ? 3/8" (2mm) c l 4.250" ref. (108mm) cp4a-114a-108e cold plate four pass rohs compliant length (mm) hole pattern a = no holes b = tap600/800 c = ta1k0/ta2k0 (assigned sequentially for custom patterns) width (mm)


▲Up To Search▲   

 
Price & Availability of CP4-114B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X